PART |
Description |
Maker |
P8SG-247R2ZH30 P8SG-0505ZH30 P8SG-053R6ZH30 P8SG-1 |
Input voltage:24V, output voltage /-7.2V ( /-100mA), 3KV isolated 1.5W regulated dual output Input voltage:24V, output voltage /-15V ( /-50mA), 3KV isolated 1.5W regulated dual output Input voltage:24V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output Input voltage:12V, output voltage /-12V ( /-63mA), 3KV isolated 1.5W regulated dual output Input voltage:12V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-3.6V ( /-200mA), 3KV isolated 1.5W regulated dual output 3 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24 3千伏隔震1.5糯稳压双输出DIP24
|
PEAK[PEAK electronics GmbH]
|
MT4C4M4A1TG-6S MT4C4M4B1TG-6S MT4LC4M4B1TG-6S MT4C |
RF Coaxial Connector Adapter; Convert From:UHF Plug; Convert To:Mini-UHF Jack RoHS Compliant: Yes 内存 DRAM 内存
|
Micron Technology, Inc. http://
|
LC74793 |
IC Sockets Adapter; Convert From:20-Pin SOIC; Convert To:20-Pin DIP; Leaded Process Compatible:No; No. of Contacts:20; Peak Reflow Compatible (260 C):No; No. of Positions:20 RoHS Compliant: No 车辆定位系统/ PDC的切片机集成电路
|
Sanyo Electric Co., Ltd.
|
MDCM50P120M160A50 |
Isolated, Regulated DC Converter
|
Vicor Corporation
|
DCM3623T75H40C2M00 DCM3623T75H40C2T00 |
Isolated, Regulated DC Converter
|
Vicor Corporation
|
DCM3623T36G31C2T00 |
Isolated, Regulated DC Converter
|
Vicor Corporation
|
DCM3623X36G06A8YZZ |
Isolated, Regulated DC Converter
|
Vicor Corporation
|
DCM3623T50M13C2T00 DCM3623T50M13C2M00 |
Isolated, Regulated DC Converter
|
Vicor Corporation
|
DCM3623T50M26C2T70 |
Isolated, Regulated DC Converter
|
Vicor Corporation
|
DCM3623T50M31C2T70 |
Isolated, Regulated DC Converter
|
Vicor Corporation
|
WRN781.8-2000 WRN781.8-2000B WRN786.5-2000 WRN786. |
WIDEINPUTNON-ISOLATED & REGULATED SINGLEOUTPUT
|
Microdc power Technology Co., Ltd
|